Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB080F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB080F
Description  Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB080F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LB080F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LB080F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice
Features
Radial leaded devices
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
High voltage surge capabilities
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
Part number
A
B
C
D
E
Lead
Max.
Max.
Min.
Max.
Min.
Max.
Size(
φ )
LB080F
5.8
9.9
4.4
5.8
4.7
4.6
0.6
Marking system
LB
Product family
Current rating
* Lead materials: Tin-plate metal wire.
* Lead-free devices are available,
the right logo is lead-free mark of wayon.
Electrical Characteristics
Part number
IH
IT
Ttrip
Vmax
interrupt
Imax
Pd typ
Rmin
Rmax
(A)
(A)
Current(A)
Time(s)
(V)
(A)
(W)
(
Ω )
(
Ω )
LB080F
0.080
0.160
0.5
3.00
250
3.0
1.0
15.0
22.0
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Ttrip=Maximum time to trip at assigned current.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping
Rmax= Maximum device resistance at 25℃ prior to tripping
Thermal Derating Chart-IH(A)
Part number
Maximum ambient operating temperatures(℃)
-40
-20
0
25
40
50
60
70
85
LB080F
0.124
0.110
0.095
0.080
0.066
0.059
0.051
0.044
0.033
Package Information
Bulk: 1000pcs per bag.
Tape & Reel: 1500pcs per reel.
LB080F
Rev :
www.leiditech.com
01.06.2015
1/2


Similar Part No. - LB080F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LB08 GULFSEMI-LB08 Datasheet
96Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
Galaxy Semi-Conductor H...
LB08M BILIN-LB08M Datasheet
728Kb / 4P
Silicon Bridge Rectifiers
More results

Similar Description - LB080F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5347BS PANJIT-1N5347BS Datasheet
91Kb / 4P
Lead free in compliance with EU RoHS 2011/65/EU directive
PJE5UQFN10A PANJIT-PJE5UQFN10A Datasheet
181Kb / 5P
Lead free in compliance with EU RoHS 2011/65/EU directive
logo
List of Unclassifed Man...
20SVPA10M ETC2-20SVPA10M Datasheet
66Kb / 2P
RoHS directive/Halogen-free compliant
logo
Amphenol Corporation
P-MDB-E09SE-76X AMPHENOL-P-MDB-E09SE-76X Datasheet
75Kb / 2P
CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002
logo
Shanghai Leiditech Elec...
HL250-180 LEIDITECH-HL250-180 Datasheet
510Kb / 2P
Lead-free, halogen-free and compliant with the European Union RoHS Directive 2011/65/EU
LP-MSM050 LEIDITECH-LP-MSM050 Datasheet
376Kb / 1P
Lead-free and compliant with the European Union RoHS Directive
SN250-180 LEIDITECH-SN250-180 Datasheet
293Kb / 1P
Chip devices Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
ISML200 LEIDITECH-ISML200 Datasheet
472Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
MSM150 LEIDITECH-MSM150 Datasheet
247Kb / 2P
Lead-free and compliant with the European Union RoHS Directive
TSML200 LEIDITECH-TSML200 Datasheet
703Kb / 2P
Lead-free and compliant with the European Union RoHS Directive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com