Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB145F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB145F
Description  High voltage surge capabilities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB145F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LB145F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LB145F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice
page 1 of 2
Features
Radial leaded devices
High voltage surge capabilities
Cured, flame retardant epoxy polymer insulating material
meets UL94 V-0 requirements
Agency Recognition: UL、CSA、TUV
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
Product Dimensions (mm)
A
B
C
D
E
Lead
Part number
Max.
Max.
Min.
Max.
Min.
Max.
Size(φ)
LB145F
6.5
11.0
4.4
5.8
4.6
4.7
0.6
Marking system
LB
Product family
Current rating
* Lead materials: Tin-plated metal wire.
Electrical Characteristics
IH
IT
Ttrip
Vmax
Vint
Imax
Pd typ
Rmin
Rmax
R1max
Part
number
(A)
(A)
Current(A)
Time(s)
(Vdc)
(Vac)
(A)
(W)
(Ω)
(Ω)
(Ω)
LB145F
0.145
0.290
1.00
2.50
60
250
3.0
1.0
3.0
7.5
14.0
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Ttrip=Maximum time to trip at 5 times hold current.
Vmax=Maximum voltage device can withstand without damage at rated current.
Vint = Maximum interrupt voltage device can withstand without damage at Rated current
Imax=Maximum fault current device can withstand without damage at rated voltage.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
Rmax= Maximum device resistance at 25℃ prior to tripping.
R1max= Maximum resistance of device when measured one hour post trip at 25℃.
Thermal Derating Chart-IH(A)
(Hold current at ambient temperature)
Maximum ambient operating temperature(℃)
Part number
-40
-20
0
25
40
50
60
70
85
LB145F
0.225
0.199
0.172
0.145
0.119
0.106
0.093
0.080
0.060
Package Information
Bulk: 1000pcs per bag.
Tape & Reel: 1500pcs per reel.
LB145F
Phone: +86- 021-50828806
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD


Similar Part No. - LB145F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1450 SANYO-LB1450 Datasheet
68Kb / 4P
LED Tuning Indicator
More results

Similar Description - LB145F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4363 LINER-LT4363 Datasheet
291Kb / 24P
High Voltage Surge
logo
List of Unclassifed Man...
SUR25 ETC2-SUR25 Datasheet
682Kb / 1P
HIGH VOLTAGE SURGE RESISTORS
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
High surge current capabilities
25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
High surge current capabilities
13-May-15
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
Ultra-High Ripple Capabilities
logo
Token Electronics Indus...
RI80 TOKEN-RI80 Datasheet
607Kb / 6P
High Voltage Surge Resistor
logo
Linear Technology
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
High Voltage Surge Stopper
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com