Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

536803 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 536803
Description  Vacuum generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

536803 Datasheet(HTML) 1 Page - Festo Corporation.

  536803 Datasheet HTML 1Page - Festo Corporation. 536803 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum generator
VN-07-L-T4-PQ2-VQ2-O2-P
Part number: 536803
Data sheet
Feature
Value
KC characters
KC EMC
Nominal width of Laval nozzle
0.7 mm
Width dimension
16 mm
Type code
VN
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High suction rate
Standard
Integrated function
Pneumatic muffler open
Vacuum switch
Design
T-shape
Short-circuit protection
Pulsed
Measured variable
Relative pressure
Measuring principle
Piezoresistive
Method of measurement
Relative
Switching element function
N/O contact
Switching function
Threshold value comparator
Threshold value with variable hysteresis
Symbol
00991917
Reverse polarity protection
for all electrical connections
Display type
LED
Setting range threshold value
-1 bar ... 0 bar
Setting options
Teach-in
Switching status indication
LED
Operating pressure for max. suction rate
4 bar
Operating pressure
1 bar ... 8 bar
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
30.9 l/min
Switch-off time
≤4 ms
On time
≤4 ms
DC operating voltage range
15 V ... 30 V
Inductive protective circuit
Adapted to MZ, MY and ME coils
Max. output current
100 mA
Residual current
≤0.3 mA
Residual ripple
10 %
Switching output
PNP
3/4/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 536803

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53680 TEC-53680 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
53680-2 TEC-53680-2 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
logo
Festo Corporation.
536800 FESTO-536800 Datasheet
95Kb / 2P
Vacuum generator
536801 FESTO-536801 Datasheet
94Kb / 2P
Vacuum generator
536802 FESTO-536802 Datasheet
94Kb / 2P
Vacuum generator
More results

Similar Description - 536803

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com