Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

547701 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 547701
Description  Vacuum generator cartridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

547701 Datasheet(HTML) 1 Page - Festo Corporation.

  547701 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum generator cartridge
VN-20-H
Part number: 547701
Data sheet
Feature
Value
Nominal width of Laval nozzle
2 mm
Type code
VN
Mounting position
Any
Ejector characteristics
Standard
High negative pressure
Symbol
00991490
Operating pressure
1 bar ... 8 bar
Operating pressure for max. vacuum
3.5 bar
Max. vacuum
92 %
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
98 l/min
Air supply time at nominal operating pressure
0.23 s
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
0 °C ... 60 °C
Ambient temperature
0 °C ... 60 °C
Product weight
3.75 g
Seals material
NBR
Female nozzle material
POM
Material of jet nozzle
Wrought aluminum alloy
3/5/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 547701

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
547700 FESTO-547700 Datasheet
84Kb / 1P
Vacuum generator cartridge
547702 FESTO-547702 Datasheet
77Kb / 1P
Vacuum generator cartridge
547705 FESTO-547705 Datasheet
82Kb / 2P
Vacuum generator
547706 FESTO-547706 Datasheet
87Kb / 2P
Vacuum generator
547707 FESTO-547707 Datasheet
87Kb / 2P
Vacuum generator
More results

Similar Description - 547701

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-05-H FESTO-VN-05-H Datasheet
71Kb / 1P
Vacuum generator cartridge
VN-05-L FESTO-VN-05-L Datasheet
67Kb / 1P
Vacuum generator cartridge
VN-07-H FESTO-VN-07-H Datasheet
69Kb / 1P
Vacuum generator cartridge
VN-07-L FESTO-VN-07-L Datasheet
71Kb / 1P
Vacuum generator cartridge
VN-10-H FESTO-VN-10-H Datasheet
75Kb / 1P
Vacuum generator cartridge
VN-10-L FESTO-VN-10-L Datasheet
76Kb / 1P
Vacuum generator cartridge
VN-14-H FESTO-VN-14-H Datasheet
84Kb / 1P
Vacuum generator cartridge
VN-14-L FESTO-VN-14-L Datasheet
84Kb / 1P
Vacuum generator cartridge
VN-20-L FESTO-VN-20-L Datasheet
77Kb / 1P
Vacuum generator cartridge
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com