Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1211CDN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC1211CDN
Description  BI-DIRECTIONAL TVS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC1211CDN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC1211CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC1211CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC1211CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LC1211CDN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BI-DIRECTIONAL TVS DIODE
Features
●
Ultra low leakage: nA level
●
Operating voltage: 12V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 2.5A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
●
Package: DFN1006
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:10,000pcs
●
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
50
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
±
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Rev :
www.leiditech.com
01.06.2019
1/4
LC1211CDN
25


Similar Part No. - LC1211CDN

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC121 SEOUL-LC121 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC121 SEOUL-LC121 Datasheet
360Kb / 13P
CYAN LAMP LED
LC121 SEOUL-LC121 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC121 SEOUL-LC121 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC121 SEOUL-LC121 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LC1211CDN

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FB-3V3S33 FUTUREWAFER-FB-3V3S33 Datasheet
538Kb / 1P
Chip Bi - directional TVS diode
FB-5VS32 FUTUREWAFER-FB-5VS32 Datasheet
517Kb / 1P
Chip Bi-directional TVS diode
FB-5VS61 FUTUREWAFER-FB-5VS61 Datasheet
516Kb / 1P
Bi-directional TVS diode
logo
TECH PUBLIC Electronics...
ESD5V0B2-DFN3 TECHPUBLIC-ESD5V0B2-DFN3 Datasheet
2Mb / 4P
Bi -directional TVS Diode
ESD5V0B15-923 TECHPUBLIC-ESD5V0B15-923 Datasheet
1Mb / 4P
Bi-directional TVS Diode
ESD13VB7-1006 TECHPUBLIC-ESD13VB7-1006 Datasheet
1Mb / 4P
Bi -directional TVS Diode
ESD24VB3-1006 TECHPUBLIC-ESD24VB3-1006 Datasheet
1Mb / 4P
24V bi-directional TVS Diode
TPESD1521P TECHPUBLIC-TPESD1521P Datasheet
1Mb / 4P
Bi -directional TVS Diode
ESDBL36VD3 TECHPUBLIC-ESDBL36VD3 Datasheet
1,021Kb / 4P
BI-directional TVS Diode
logo
Guangdong Youtai Semico...
SD05.TCT UMW-SD05.TCT Datasheet
284Kb / 4P
BI-directional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com