Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2018 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # PD2018
Description  DIODE MODULE - 200A/800V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD2018 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  PD2018 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD2018 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD2018 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD2018 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD2018 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD2018 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SURGE CURRENT RATINGS
PD2018
f=50Hz,Half Sine Wave,Non-Repetitive,Tj=150℃
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0.02s
I FSM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com