Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40P13S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM40P13S
Description  P-ChannelEnhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM40P13S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM40P13S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-40
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-40V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.3
-2
-2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-12A
-
12
15
m
Ω
Forward
Transconductance
gFS
VDS=-15V,ID=-10A
35
-
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
2800
-
PF
Output Capacitance
Coss
-
320
-
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
-
220
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
11
-
nS
Turn-on Rise Time
tr
-
75
-
nS
Turn-Off Delay Time
td(off)
-
89
-
nS
Turn-Off Fall Time
tf
VDD=-20V, ,RL=2Ω
VGS=-10V,RGEN=6Ω
-
35
-
nS
Total Gate Charge
Qg
-
40
-
nC
Gate-Source Charge
Qgs
-
6
-
nC
Gate-Drain Charge
Qgd
VDS=-20V,ID=-12A,
VGS=-10V
-
12
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-12A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
-13
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
≤ 10 sec.
3. Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
LM40P13S
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com