Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA30CSF10UC Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # IA30CSF10UC
Description  Proximity Sensors Inductive Thermoplastic Polyester Housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

IA30CSF10UC Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  IA30CSF10UC Datasheet HTML 1Page - Carlo Gavazzi Holding AG IA30CSF10UC Datasheet HTML 2Page - Carlo Gavazzi Holding AG IA30CSF10UC Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (20.05.05)
IA 12, IA 18 and IA 30, NAMUR
Specifications
Rated operational volt. (Ue)
8.2 VDC
(UB)
7 to 9 VDC
(6 to 35 VDC, all specifica-
tions not observed in
extended supply range)
Self-inductance
≤ 500 µH
Self-capacitance
≤ 120 nF
No-load supply current (Io)
Activated:
≤1 mA
Not activated:
≥ 2.2 mA
Max. 9.35 mA
Protection
Reverse polarity
Transient voltage
≤ 1 kV/0.5 J
EMC
Approved according to
EN 50 080, EN 50 081
Power ON delay
< 10 ms
Frequency of operating
cycles
(f)
IA12xxF02 1.400 Hz
IA12xxN04 1.200 Hz
IA18xxF05
500 Hz
IA18xxN08
200 Hz
IA30xxF10
300 Hz
IA30xxN15
100 Hz
Indication not activated
LED, yellow
Assured operating dist. (Sa)0
≤ S
a
≤ 0.81 S
n
Repeat accuracy (R)
≤ 5%
Dimensions
Type
A
B
C
D
E
F
SW
Ø mm mm
mm
mm
mm mm
IA 12 CSF 02 UC
M12 x 1 x 30
10.7
30
11
5.0
8
17
IA 12 CLF 02 UC
M12 x 1 x 50
10.7
50
11
5.0
8
17
IA 12 CSF 02 UC M1
M12 x 1 x 30
10.7
30
12.6
11.9
8
17
IA 12 CLF 02 UC M1
M12 x 1 x 50
10.7
50
12.6
11.9
8
17
IA 12 CSN 04 UC
M12 x 1 x 30
10.7
34
11
5.0
8
17
IA 12 CLN 04 UC
M12 x 1 x 50
10.7
54
11
5.0
8
17
IA 12 CSN 04 UC M1
M12 x 1 x 30
10.7
34
12.6
11.9
8
17
IA 12 CLN 04 UC M1
M12 x 1 x 50
10.7
54
12.6
11.9
8
17
IA 18 CSF 05 UC
M18 x 1 x 30
16.7
30
11.6
15.4
8
24
IA 18 CLF 05 UC
M18 x 1 x 50
16.7
50
11.6
15.4
8
24
IA 18 CSF 05 UC M1
M18 x 1 x 30
16.7
30
13.1
11.9
8
24
IA 18 CLF 05 UC M1
M18 x 1 x 50
16.7
50
13.1
11.9
8
24
IA 18 CSN 08 UC
M18 x 1 x 30
16.7
38
11.6
15.4
8
24
IA 18 CLN 08 UC
M18 x 1 x 50
16.7
58
11.6
15.4
8
24
IA 18 CSN 08 UC M1
M18 x 1 x 30
16.7
38
13.1
11.9
8
24
IA 18 CLN 08 UC M1
M18 x 1 x 50
16.7
58
13.1
11.9
8
24
IA 30 CSF 10 UC
M30 x 1.5 x 30
28
30
13.6
15.4
10
36
IA 30 CLF 10 UC
M30 x 1.5 x 50
28
50
13.6
15.4
10
36
IA 30 CSF 10 UC M1
M30 x 1.5 x 30
28
30
13.6
11.9
10
36
IA 30 CLF 10 UC M1
M30 x 1.5 x 50
28
50
13.6
11.9
10
36
IA 30 CSN 15 UC
M30 x 1.5 x 30
28
42
13.6
15.4
10
36
IA 30 CLN 15 UC
M30 x 1.5 x 50
28
62
13.6
15.4
10
36
IA 30 CSN 15 UC M1
M30 x 1.5 x 30
28
42
13.6
11.9
10
36
IA 30 CLN 15 UC M1
M30 x 1.5 x 50
28
62
13.6
11.9
10
36
Hysteresis (H)
(Differential travel)
1 to 15% of sensing distance
Effective operating dist. (Sr)
0.9 x Sn
≤ S
r
≤ 1.1 x S
n
Usable operating dist. (S)
0.9 x Sr
≤ S
u
≤ 1.1 x S
r
Ambient temperature
Operating
-25° to +70°C (-13° to +158°F)
Storage
-30° to +80°C (-22° to +176°F)
Degree of protection
IP 67 (Nema 1, 3, 4, 6, 13)
Housing material
Body
Grey thermoplastic polyester
Back
Black polyester
Connection
Cable
2 m, 2 x 0.5 mm2,
grey PVC, oil proof
Plug
M12 x 1
Cables for plug (-1)
CONH1A serie
Weight (cable excluded)
IA 12xx
10 g
IA 18xxF05
18 g
IA 18xxN08
20 g
IA 30xxF10
50 g
IA 30xxN15
70 g
Tightening torque
IA 12
1.8 Nm
IA 18
2.6 Nm
IA 30
7.5 Nm
Approvals
UL
CE-marking
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com