Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSTL872 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSTL872
Description  safety switch XCSTL - elbowed flush lever - to right - 3NC -M16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSTL872 Datasheet(HTML) 2 Page - Schneider Electric

  XCSTL872 Datasheet HTML 1Page - Schneider Electric XCSTL872 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
[Uimp] rated impulse withstand voltage
4 kV EN/IEC 60947-5-1
Maximum resistance across terminals
30 mOhm conforming to EN/IEC 60947-5-4
Short-circuit protection
6 A cartridge fuse type gG (gl)
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to IEC 61508
Safety reliability data
B10d = 5000000 value given for a life time of 20 years limited by mechanical or
contact wear
Enclosure material
Polyamide PA66 fibre glass impregnated
Lever material
Stainless steel
Width
125 mm
Height
108 mm
Depth
30 mm
Net weight
0.145 kg
Environment
Standards
EN 1088/ISO 14119
EN/IEC 60947-5-4
EN/ISO 12100
UL 508
CSA C22.2 No 14
EN/IEC 60204-1
EN/IEC 60947-5-1
Product certifications
UL
BG
CSA
Protective treatment
TC
TH
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
50 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
50 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class II conforming to EN/IEC 61140
IP degree of protection
IP67 conforming to IEC 60529
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
225 g
Package 1 Height
3.2 cm
Package 1 width
20 cm
Package 1 Length
6.3 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com