Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE6008AS Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NCE6008AS
Description  LCE N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NCE6008AS Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NCE6008AS Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NCE6008AS Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NCE6008AS Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NCE6008AS Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd NCE6008AS Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd NCE6008AS Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LCE6008AS
Description
The LCE6008AS uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
VDS = 60V,ID =8A
RDS(ON) < 20mΩ @ VGS=10V (Typ:14.5mΩ)
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Low gate to drain charge to reduce switching losses
Application
●
Power switching application
●
Load switch
Schematic diagram
Marking and pin assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
LCE6008AS
NCE6008AS
SOP-8
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
8
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
5.6
A
Pulsed Drain Current
IDM
32
A
Maximum Power Dissipation
PD
2.1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
60
/W
℃
Rev :
www.leiditech.com
01.06.2014
1/6
LCE N-Channel Enhancement Mode Power MOSFET


Similar Part No. - NCE6008AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE6008AS NCEPOWER-NCE6008AS Datasheet
415Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE6008AS VBSEMI-NCE6008AS Datasheet
996Kb / 9P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NCE6008AS

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE0110AS LEIDITECH-LCE0110AS Datasheet
918Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE0140K LEIDITECH-LCE0140K Datasheet
1Mb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE0140KA LEIDITECH-LCE0140KA Datasheet
1Mb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE3030K LEIDITECH-LCE3030K Datasheet
936Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE4009S LEIDITECH-LCE4009S Datasheet
941Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE4080K LEIDITECH-LCE4080K Datasheet
886Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE6005AS LEIDITECH-LCE6005AS Datasheet
948Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE6050KA LEIDITECH-LCE6050KA Datasheet
963Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE1502R LEIDITECH-LCE1502R Datasheet
867Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE3420 LEIDITECH-LCE3420 Datasheet
895Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com