Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB306 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9DB306
Description  PCI Express, Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB306 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9DB306 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB306 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
9DB306BL
www.icst.com/products/hiperclocks.html
REV. A APRIL 7, 2005
2
Integrated
Circuit
Systems, Inc.
ICS9DB306
PCI EXPRESS,
JITTER ATTENUATOR
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. RATIO OF OUTPUT FREQUENCY TO
INPUT FREQUENCY FUNCTION TABLE, FS0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
s
t
u
p
n
Is
t
u
p
t
u
O
0
S
F0
X
E
I
C
P1
X
E
I
C
P2
X
E
I
C
P
01
4
/
54
/
5
11
1
1
TABLE 3C. OUTPUT ENABLE
FUNCTION TABLE, nOE0
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
0
2
,
4
1
,
1V
E
E
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
3
,
2
,
1
T
X
E
I
C
P
1
C
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
5
,
4
,
2
T
X
E
I
C
P
2
C
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8
2
,
5
1
,
9
,
6V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
8
,
71
E
O
n
,
0
E
O
nt
u
p
n
In
w
o
d
ll
u
P
o
g
o
t
)
x
T
X
E
I
C
P
(
s
t
u
p
t
u
o
e
u
r
t
s
e
c
r
o
f
,
H
G
I
H
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
,
W
O
L
n
e
h
W
.
H
G
I
H
o
g
o
t
)
x
C
X
E
I
C
P
(
s
t
u
p
t
u
o
d
e
t
r
e
v
n
i
e
h
t
d
n
a
W
O
L
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
1
1
,
0
1
,
3
C
X
E
I
C
P
3
T
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
3
1
,
2
1
,
4
C
X
E
I
C
P
4
T
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
7
1
,
6
1
,
5
C
X
E
I
C
P
5
T
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8
11
S
Fn
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
9
1S
S
A
P
Y
Bt
u
p
n
In
w
o
d
ll
u
P
e
h
t
d
n
a
,
e
d
o
m
s
s
a
p
y
b
n
i
s
i
L
L
P
e
h
t
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
s
s
s
a
p
y
B
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
r
e
f
f
u
b
6
:
1
a
s
a
n
o
i
t
c
n
u
f
n
a
c
e
c
i
v
e
d
1
2V
A
C
C
r
e
w
o
P4
2
s
e
r
i
u
q
e
R
.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
Ω
.
r
o
t
s
i
s
e
r
s
e
i
r
e
s
2
2W
B
_
L
L
Pt
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
h
t
d
i
w
d
n
a
B
L
L
P
s
t
c
e
l
e
S
3
2K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
4
2K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
5
20
S
Ft
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
7
2
,
6
2
,
0
T
X
E
I
C
P
0
C
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 3B. RATIO OF OUTPUT FREQUENCY TO
INPUT FREQUENCY FUNCTION TABLE, FS1
s
t
u
p
n
Is
t
u
p
t
u
O
1
S
F3
X
E
I
C
P4
X
E
I
C
P5
X
E
I
C
P
01
1
1
14
/
54
/
54
/
5
s
t
u
p
n
Is
t
u
p
t
u
O
0
E
O
n2
:
0
X
E
I
C
P
0d
e
l
b
a
n
E
1d
e
l
b
a
s
i
D
TABLE 3D. OUTPUT ENABLE
FUNCTION TABLE, nOE1
s
t
u
p
n
Is
t
u
p
t
u
O
1
E
O
n5
:
3
X
E
I
C
P
0d
e
l
b
a
n
E
1d
e
l
b
a
s
i
D
TABLE 3E. PLL BANDWIDTH
FUNCTION TABLE
s
t
u
p
n
I
h
t
d
i
w
d
n
a
B
W
B
_
L
L
P
0z
H
k
0
0
5
1z
H
M
1
TABLE 3F. PLL MODE
FUNCTION TABLE
s
t
u
p
n
I
e
d
o
M
L
L
P
S
S
A
P
Y
B
1d
e
l
b
a
s
i
D
0d
e
l
b
a
n
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com