Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL102 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LL102
Description  Surge Absorber
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LL102 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LL102 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features 特性
Applications 应用
Materials 材料
Operation Temperature 工作温度
Packaging 包装
Electrical Specifications 电气特性
TypeLL102 Series / 突波吸收器 Surge Absorber
Quick response
Low capacitance
Small size
Low price
R.G.B and Grid of TV Monitor
TEL,FAX,MODEM
Power supply
AUTO audio Frequency .navigation system
O
O
-40 C to 125 C
Ceramic: Si Oxide
Metallization of Glass body
End termin ation : Dumet wire
End termination overcoat : Tin
On Taping :
series-2000pcs Per Reel
series-20000pcs outer box
Dimensions(mm)尺寸
LL102 -141N
-201M
-301M
-401M
-501M
-601M
-102M
140V
± 30%
200V
± 20%
300V
± 20%
400V
± 20%
500V
± 20%
600V
± 20%
1000V
± 20%
500
600
900
1000
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
100
100
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
250
250
250
250
Catalog
Number
料号
DC
Spark-Over
Voltage
标称直流
击穿电压
100V/s Vs(V)
Nom
Impulse
Discharge Current
耐冲击电流
8x20μs
kV
Nom
Impulse
Discharge Current
耐冲击电流
8x20μs(A)
Impulse
S
park Over
冲击击穿电压
1KV /μs
Vis(V)
Max.
Insulation
Resistance
绝缘电阻
Min. DC
MΩ
V
Capacitance
电容值
C
1kHz<6V
pF
Maz.
LL102
LL102
LL102
LL102
LL102
LL102
LL102
LL102
LL102 Series
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
1/1


Similar Part No. - LL102

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
LL10 KLEIN-LL10 Datasheet
2Mb / 8P
Hex-Key Wrenches
logo
List of Unclassifed Man...
LL10000HR ETC-LL10000HR Datasheet
122Kb / 2P
low current requirements
LL10000HR ETC-LL10000HR Datasheet
122Kb / 2P
10 segment light bar
logo
TOKO, Inc
LL1005-FH10NJ TOKO-LL1005-FH10NJ Datasheet
376Kb / 2P
Multilayer Chip Inductors
LL1005-FH10NK TOKO-LL1005-FH10NK Datasheet
376Kb / 2P
Multilayer Chip Inductors
More results

Similar Description - LL102

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R-221D OKAYA-R-221D Datasheet
290Kb / 1P
SURGE ABSORBER
RHCA-900Q31U OKAYA-RHCA-900Q31U Datasheet
361Kb / 2P
SURGE ABSORBER
RA-800P-C6 OKAYA-RA-800P-C6 Datasheet
680Kb / 2P
SURGE ABSORBER
RA-501M-V7 OKAYA-RA-501M-V7 Datasheet
904Kb / 2P
SURGE ABSORBER
R28-900-BHL OKAYA-R28-900-BHL Datasheet
706Kb / 2P
SURGE ABSORBER
RHCA-900Q43U OKAYA-RHCA-900Q43U Datasheet
514Kb / 2P
SURGE ABSORBER
logo
HuaXinAn Electronics CO...
HA41-141N HUAXINAN-HA41-141N Datasheet
361Kb / 7P
Surge Absorber
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
Surge Absorber
HAE-301M HUAXINAN-HAE-301M Datasheet
350Kb / 8P
Surge Absorber
HAH-152M HUAXINAN-HAH-152M Datasheet
341Kb / 6P
Surge Absorber
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com