Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951403 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS951403
Description  AMD-K7 System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951403 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS951403 Datasheet HTML 5Page - Integrated Circuit Systems ICS951403 Datasheet HTML 6Page - Integrated Circuit Systems ICS951403 Datasheet HTML 7Page - Integrated Circuit Systems ICS951403 Datasheet HTML 8Page - Integrated Circuit Systems ICS951403 Datasheet HTML 9Page - Integrated Circuit Systems ICS951403 Datasheet HTML 10Page - Integrated Circuit Systems ICS951403 Datasheet HTML 11Page - Integrated Circuit Systems ICS951403 Datasheet HTML 12Page - Integrated Circuit Systems ICS951403 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
ICS951403
0486B—02/23/04
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High
Voltage
VOH
1
IOH = -11mA
2.6
V
Output Low Voltage
VOL
1
IOL = 9.4mA
0.4
V
Output High Current
IOH
1
V OH = 2.0 V,
-19
mA
Output Low Current
IOL
1
VOL = 0.8V
19
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1.29
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1.02
2
ns
Duty Cycle
dt1
1
VT = 50%
45
51.5
55
%
Skew
tsk1
1
VT = 50%
54
200
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
104
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 24MHz,48MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -18mA
2.4
V
Output Low Voltage
VOL5
IOL = 18mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.2
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.3
4
ns
Duty Cycle
1
dt5
VT = 1.5V
45
50.5
55
%
Jitter, Cycle to cycle
tjcyc_cyc2B
VT = 1.5V
130
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com