Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5K1160AP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM5K1160AP
Description  This product is suitable for various kinds of electronic machines to work for over current protection.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM5K1160AP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM5K1160AP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM5K1160AP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM5K1160AP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM5K1160AP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM5K1160AP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5. 标示 Marking
保险丝两端铜帽上应印有下列标示:The fuse shall have the following marking :
A 帽:良胜型号+慢断型符号+额定电流+低分断符号+额定电压
A Cap:Lanson’s model +Electrical characteristics +Ampere rating + Low-breaking Capacity Symbol +Voltage rating
5K
T
1.6A
L
250V
B 帽:良胜标志+认证符号
B Cap:Lanson’s logo + Approved Symbol
6. 外观 Appearance
6.1 外观不应有显著的污点、裂纹。
There shall not be any remarkable stain,rust or crack on the appearances.
6.2 标示应该很容易辨识。
Marking shall be easily legible.
7. 机械特性 Mechanical characteristics
拉力强度试验 Tensile test
将保险丝固定好后,对保险丝两端引线施加 10N 的轴向拉力,持续 1 分钟。试验过后,保险丝
没有任何破损现象。
Exert the axial pulling force of 10N to the both ends of lead wire for 1 minute. After the test the fuse
shall be no damage and loosening.
8. 电气特性 Electrical characteristics
8.1 实验条件 Test condition
所有测试环境温度为 25±5℃。
All electrical characteristics tests are conducted at an ambient temperature of 25±5℃.
8.2 分断能力 Interrupting rating test
保险丝能承受的分断能力:35A 或 10 倍的额定电流当中较大的。分断能力测试后测得保险
丝的绝缘阻抗值大于 0.1ΜΩ。
The fuse interrupting capacity:35A or 10 times the rated current whichever is greater. After
interrupting, the insulation resistance between the fuse terminations shall be not less than 0.1ΜΩ.
LM5K1160AP
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com