Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB306BF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9DB306BF
Description  PCI Express, Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB306BF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9DB306BF Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB306BF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
9DB306BL
www.icst.com/products/hiperclocks.html
REV. A APRIL 7, 2005
5
Integrated
Circuit
Systems, Inc.
ICS9DB306
PCI EXPRESS,
JITTER ATTENUATOR
TYPICAL PHASE NOISE AT 100MHZ
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
100M
100MHz
RMS Phase Jitter (Random)
1.5MHz to 22MHz = 3ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
PCI Express™ Filter to raw data
PCI Express™ Filter
The illustrated phase noise plot was taken using a low phase
noise signal generator, the noise floor of the signal generator is
less than that of the device under test.
Using this configuration allows one to see the true spectral pu-
rity or phase noise performance of the PLL in the device under
test. Due to the tracking ability of a PLL, it will track the input
signal up to its loop bandwidth.Therefore, if the input phase noise
is greater than that of the VCO, it will increase the output phase
noise performance of the device. It is recommended that the
phase noise performance of the input is verified in order to
achieve the above phase noise performance.
Raw Phase Noise Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com