Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T50Q6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41T50Q6F
Description  Serial Access Digital Input Real-Time Clock with Alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T50Q6F Datasheet(HTML) 4 Page - STMicroelectronics

  M41T50Q6F Datasheet HTML 1Page - STMicroelectronics M41T50Q6F Datasheet HTML 2Page - STMicroelectronics M41T50Q6F Datasheet HTML 3Page - STMicroelectronics M41T50Q6F Datasheet HTML 4Page - STMicroelectronics M41T50Q6F Datasheet HTML 5Page - STMicroelectronics M41T50Q6F Datasheet HTML 6Page - STMicroelectronics M41T50Q6F Datasheet HTML 7Page - STMicroelectronics M41T50Q6F Datasheet HTML 8Page - STMicroelectronics M41T50Q6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M41T50
4/23
SUMMARY DESCRIPTION
The M41T50 Serial Access TIMEKEEPER® is a
low power Serial RTC that does not require a crys-
tal. The clock operates from a digital clock input
pin at 50Hz or 60Hz. Eight registers (see Table
2., page 12) are used for the clock/calendar func-
tion and are configured in binary coded decimal
(BCD) format. An additional 8 registers provide
status/control of Alarm, Square Wave (1Hz), and
50Hz or 60Hz digital clock frequency selection
functions. Addresses and data are transferred se-
rially via a two line, bi-directional I2C interface. The
built-in address register is incremented automati-
cally after each WRITE or READ data byte.
Functions available to the user include a time-of-
day clock/calendar, Alarm interrupts, and Square
Wave output. The eight clock address locations
contain the century, year, month, date, day, hour,
minute, and seconds in 24-hour BCD format. Cor-
rections for 28-, 29- (leap year), 30- and 31-day
months are made automatically.
The M41T50 is supplied in a 16-pin QFN.
Figure 2. Logic Diagram
Note: 1. Open Drain only.
2. Defaults to push-pull (SQW disabled) on power-up. May
also be programmed to be Open Drain.
Table 1. Signal Names
Figure 3. 16-pin QFN Connections
Note: 1. Open Drain only.
2. Defaults to push-pull (SQW disabled) on power-up. May
also be programmed to be Open Drain.
SCL
VCC
M41T50
VSS
SDA
IRQ/OUT
(1)
SQW (1Hz)
(2)
CLKIN
AI09110
CLKIN
Digital Clock Input (50Hz or 60Hz)
SDA
Serial Data Input/Output
SCL
Serial Clock Input
IRQ/OUT
Interrupt or OUT Output (Open
Drain)
SQW
(1Hz)
Square Wave Output (Open Drain
or Push-pull)
VCC
Supply Voltage
VSS
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
SQW (1Hz)
(2)
VSS
NC
SCL
SDA
IRQ/OUT
(1)
AI09111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com