Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS03 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SMS03
Description  Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SMS03 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SMS03 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SMS03 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SMS03 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SMS03 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice (09.06.17)
SMS03
Operating Directions
Application
SMS03 + NSO02
Operating distance ON
20 ± 3 mm
Release distance OFF
22 ± 5 mm
Reset distance
22 ± 5 mm
Suitable magnetic unit
CLS
CLSD88PM0 (cULus listed)
Misalignment
max± 4 mm
Housing
Dimensions
88 x 25 x 13 mm
Material
SMS03 (all) ABS
SMSAP20 (all) PBT
General Specifications
Weight
Approx. 70 g
Environment
Degree of protection
IP 67
Operating temperature
-25 to +70 °C
Storage temperature
-25 to +70 °C
Approvals
SMSAP20
cULus listed (UL508)
CE-marking
Yes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com