Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC50-1 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # APC50-1
Description  Photoelectrics Accessories Mounting Material
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

APC50-1 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  APC50-1 Datasheet HTML 1Page - Carlo Gavazzi Holding AG APC50-1 Datasheet HTML 2Page - Carlo Gavazzi Holding AG APC50-1 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (30.10.2017)
Mounting Material
Mounting Bracket, MOFTR-Series, Type MB-MO1
Ordering no.
MB-MO1
Material
Body
PA6, reinforced, black
Mounting Bracket, Type APD30-MB1
Ordering no.
ADP30-MB1
Material
Body
Stainless steel (304)
Mounting Bracket, Type APD30-MB2
Ordering no.
ADP30-MB2
Material
Body
Stainless steel (304)
Mounting Brackets, Type AMPF-MB1
Ordering no.
AMPF-MB1
Material
Body
ABS, black
R6
Ø6
28.3
5.2
6.0
6.0
5.7
13.5
16.2
4.4
4.4
1.2
1.2
14
25.4
21.2
3.2
32.4
9°
Mounting bracket: APD30-MB1
Mounting bracket: APD30-MB2
5.2
6.0
6.0
5.7
13.5
16.2
4.4
4.4
1.2
1.2
14
25.4
21.2
3.2
32.4
9°
Mounting bracket: APD30-MB1
Mounting bracket: APD30-MB2
Mounting Brackets, Type APC50-1
Ordering no.
APC50-1
Material
Body
Steel, galvanized
6.5
ø6.5
R4
12
32
20
6.25
R2.25
50
21
9
ø4.5
ø4.5
R4
R4
R28
4.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com