Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM60-K Datasheet(PDF) 4 Page - Recom International Power

Part # RACM60-K
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-K Datasheet(HTML) 4 Page - Recom International Power

  RACM60-K Datasheet HTML 1Page - Recom International Power RACM60-K Datasheet HTML 2Page - Recom International Power RACM60-K Datasheet HTML 3Page - Recom International Power RACM60-K Datasheet HTML 4Page - Recom International Power RACM60-K Datasheet HTML 5Page - Recom International Power RACM60-K Datasheet HTML 6Page - Recom International Power RACM60-K Datasheet HTML 7Page - Recom International Power RACM60-K Datasheet HTML 8Page - Recom International Power RACM60-K Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-4
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
Parameter
Type
Value
Thermal Shutdown
TC point IC 101
+130°C, restart after cool down
Class of Equipment
Class II
Isolation Voltage (safety certified) (7)
I/P to O/P
1 minute
4kVAC
Isolation Resistance
I/P to O/P, VISO= 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100KHz/0.1V
100pF max.
Insulation Grade
reinforced
Means of Protection
319VAC working voltage
2MOPP
Notes:
Note7: For repeat Hi-Pot testing, reduce the time and/or the test voltage
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection 0.1m/s
refer to
“Derating Graph”
-40°C to +85°C
Temperature Coefficient
±0.02%/K
Operating Altitude (8)
according to IEC60601-1 / IEC62368-1
4000m / 5000m
Operating Humidity
non-condensing
95% max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
10-500Hz, 2G 10min./1cycle, period 60min. along x,y,z axes
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+40°C
>900 x 103 hours
>726 x 103 hours
Design Lifetime
nom. Vin= 230VAC, +40°C
>42 x 103 hours
Notes:
Note8: Recognized by safety agency for safe operation up to 4000/5000m. High altitude operation may impact the performance and lifetime
Please contact RECOM tech support for advice
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80
85
90
110
100
50
55
60
45
40
30
20
18
12
10
35
25
15
5
0
Ambient Temperature [°C]
115-240VAC nom.
100VAC nom.
-40
-20
0
20
40
45 55
70
75
60
-30
-10
10
30
50
80
85
90
110
100
60
50
40
30
55
45
35
25
20
18
10
5
15
0
Ambient Temperature [°C]
115-240VAC nom.
100VAC nom.
Derating Graph
(@ Chamber and natural convection 0.1m/s)
RACM60-05SK
others
Output power derating for Line-input of less than 90VAC
(derate linearly from 100% at 90VAC to 80% at 80VAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com