Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM60-05SK/OF Datasheet(PDF) 2 Page - Recom International Power

Part # RACM60-05SK/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-05SK/OF Datasheet(HTML) 2 Page - Recom International Power

  RACM60-05SK/OF Datasheet HTML 1Page - Recom International Power RACM60-05SK/OF Datasheet HTML 2Page - Recom International Power RACM60-05SK/OF Datasheet HTML 3Page - Recom International Power RACM60-05SK/OF Datasheet HTML 4Page - Recom International Power RACM60-05SK/OF Datasheet HTML 5Page - Recom International Power RACM60-05SK/OF Datasheet HTML 6Page - Recom International Power RACM60-05SK/OF Datasheet HTML 7Page - Recom International Power RACM60-05SK/OF Datasheet HTML 8Page - Recom International Power RACM60-05SK/OF Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-2
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi Type
Nom. Input Voltage
100VAC
240VAC
Input Voltage Range (3,4)
80VAC
120VDC
264VAC
370VDC
Input Current
115VAC
230VAC
1400mA
600mA
Inrush Current
cold start
115VAC
230VAC
30A
60A
ErP Standby Mode Conformity
(Output Load Capability)
115/230VAC
Input Power:
0.5W
1.0W
0.3W
0.7W
No load Power Consumption
230VAC
100mW
Input Frequency Range
AC Input
47Hz
63Hz
Minimum Load
0%
Power Factor
115VAC
230VAC
0.6
0.5
Start-up Time
150ms
Rise Time
100ms
Hold-up Time
115VAC
230VAC
12ms
50ms
Internal Operating Frequency
100% load at nominal Vin
100kHz
Output Ripple and Noise (5)
20MHz BW
5Vout
others
200mVp-p
1% of Vout
Notes:
Note3: The products were submitted for safety files at AC-Input operation (90-264VAC)
Note4: Output power derating for Line-input of less than 90VAC (derate linearly from 100% at 90VAC to 80% at 80VAC)
Note5: Measurements are made with a 0.1µF MLCC & 10µF E-cap in parallel across output. (low ESR)
Efficiency vs. Load
RACM60-05SK/OF
others
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com