Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5MBF Datasheet(PDF) 2 Page - SHIKUES Electronics

Part # US5MBF
Description  Surface Mount Ultrafast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

US5MBF Datasheet(HTML) 2 Page - SHIKUES Electronics

  US5MBF Datasheet HTML 1Page - SHIKUES Electronics US5MBF Datasheet HTML 2Page - SHIKUES Electronics US5MBF Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°C
T =25
J
°C
1.0
2.0
3.0
6.0
0.0
25
50
75
100
125
150
175
Case Temperature (
°C)
Fig.1 Maximum Average Forward Current Rating
4.0
5.0
Fig.3 Typical
Characteristics
Forward
2.0
2.5
1.5
0
0.01
0.1
1.0
10
0.5
1.0
0.001
Instaneous Forward Voltage (V)
T =25
J
°C
US5JBF~US5MBF
US5GBF
US5ABF~US5DBF
Single phase half-wave 60 Hz
resistive or inductive load
25
50
75
100
125
150
00
10
100
Fig.4 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
US5ABF THRU US5MBF
2 of 3
REV.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com