Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC8E-1205S/CTRL/X1 Datasheet(PDF) 6 Page - Recom International Power

Part # REC8E-1205S/CTRL/X1
Description  8 Watt 1??x 1??Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8E-1205S/CTRL/X1 Datasheet(HTML) 6 Page - Recom International Power

  REC8E-1205S/CTRL/X1 Datasheet HTML 1Page - Recom International Power REC8E-1205S/CTRL/X1 Datasheet HTML 2Page - Recom International Power REC8E-1205S/CTRL/X1 Datasheet HTML 3Page - Recom International Power REC8E-1205S/CTRL/X1 Datasheet HTML 4Page - Recom International Power REC8E-1205S/CTRL/X1 Datasheet HTML 5Page - Recom International Power REC8E-1205S/CTRL/X1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.recom-power.com
REV.: 0/2021
ECO-6
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REC8E
Series
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
260.0 x 28.5 x 20.8mm
Packaging Quantity
8pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
non-condensing
95% RH max.
Dimension Drawing (mm)
Pinning Information
Pin # Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL
CTRL
4
-Vout
-Vout
5
no Pin
Com
6
+Vout
+Vout
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.25mm
Ø 1.0±0.1
8 x 2.54= 20.32
10.16
10.16
25.4
25.4
1
4
5
6
2
3
1
4
5
6
2
3
2.54
Recommended Footprint Details



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com