Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

577490 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577490
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577490 Datasheet(HTML) 1 Page - Festo Corporation.

  577490 Datasheet HTML 1Page - Festo Corporation. 577490 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7
Part number: 577490
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Material of screws
Steel, galvanized
Lap
Underlap
Actuation type
Electrical
Valve size
21 mm
Standard nominal flow rate
600 l/min
Pneumatic working port
G1/8
Operating pressure
2.5 bar ... 10 bar
Design
Plate seat
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
Nominal width
5.2 mm
Type code
VUVS
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991041
b-value
0.39
C value
2.3 l/sbar
Switching time off
23 ms
On switching time
9 ms
Max. positive test pulse with 0 signal
1900 µs
Max. negative test pulse on 1 signal
2700 µs
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-5 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
3/15/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577490

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
577491 FESTO-577491 Datasheet
106Kb / 2P
Air solenoid valve
577492 FESTO-577492 Datasheet
103Kb / 2P
Air solenoid valve
577493 FESTO-577493 Datasheet
105Kb / 2P
Air solenoid valve
577494 FESTO-577494 Datasheet
102Kb / 2P
Air solenoid valve
577495 FESTO-577495 Datasheet
103Kb / 2P
Air solenoid valve
More results

Similar Description - 577490

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-T32C-MD-G18-F7 FESTO-VUVS-LT20-T32C-MD-G18-F7 Datasheet
101Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com