Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1045D Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM1045D
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM1045D Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM1045D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
—
1.22
℃
/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
6.2
℃
/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-100
—
—
V
VGS = 0V, ID = -250μA
RDS(on)
Static Drain-to-Source on-resistance
—
36
45
mΩ
VGS=-10V,ID =-15A
—
39
55
VGS=- 4.5V,ID =-10A
VGS(th)
Gate threshold voltage
-1
—
-3
V
VDS = VGS, ID =- 250μA
IDSS
Drain-to-Source leakage current
—
—
-1
μA
VDS =-100V,VGS = 0V
IGSS
Gate-to-Source forward leakage
—
—
100
nA
VGS =30V
—
—
-100
VGS = -30V
Qg
Total gate charge
—
90
—
nC
ID = -10A,
VDS=-50V,
VGS = -10V
Qgs
Gate-to-Source charge
—
15
—
Qgd
Gate-to-Drain("Miller") charge
—
11
—
td(on)
Turn-on delay time
—
55
—
ns
VGS=-10V, VDS=-50V,
RGEN=25Ω
ID=-5A
tr
Rise time
—
20
—
td(off)
Turn-Off delay time
—
210
—
tf
Fall time
—
90
—
Ciss
Input capacitance
—
7800
—
pF
VGS = 0V
VDS = -25V
ƒ = 1MHz
Coss
Output capacitance
—
222
—
Crss
Reverse transfer capacitance
—
165
—
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
-30
A
MOSFET symbol
D
showing the
G
integral reverse
p-n junction diode.
S
ISM
Pulsed Source Current
(Body Diode)
—
—
-60
A
V
SD
Diode Forward Voltage
—
—
-1.2
V
IS=-6A, VGS=0V
LM1045D
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com