Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4189 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4189
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4189 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4189 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4189 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4189 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4189 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4189 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These P-Channel enhancement mode power field
effect transistors are using trench DMOS technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency fast
switching applications.
Features
VDS
ID
(at VGS=-10V)
RDS(ON) (at VGS=-10V)
RDS(ON) (at VGS=-4.5V)
-40V
-20A
45mΩ(Max)
65mΩ(Max)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
TC=25°C
I
D
-20
A
TC=100°C
I
D
-12
A
Drain Current – Pulsed
IDM
-80
A
Maximum Power Dissipation
P
D
33
W
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
3.6
℃
/W
Thermal Resistance junction-to-Ambient
R
θJA
62
℃
/W
D
G
S
D
G
S
TO252
100% UIS TESTED!
100% ∆Vds TESTED!
LM4189
MOSFET
P-Channel
Rev 2.0 :
www.leiditech.com
12.01.2019
1/5


Similar Part No. - LM4189

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM4185 LEIDITECH-LM4185 Datasheet
1Mb / 5P
P-Channe lEnhancement Mode Power MOSFET
More results

Similar Description - LM4189

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com