Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4902 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4902
Description  N-Channel Super Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4902 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4902 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4902 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4902 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4902 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4902 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4902 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
These N-Channel enhancement mode power field
effect transistors are using trench DMOS technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency fast switching
applications.
Features
VDS
40V
ID
(at VGS=10V)
200A
RDS(ON) (at VGS=10V)
2.5mΩ(Max)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
TC=25°C
I
D
200
A
TC=100°C
I
D
1
26
A
Maximum Power Dissipation
P
D
184
W
Single pulse avalanche energy
EAS
3
90
mJ
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
1.1
℃
/W
Thermal Resistance unction-to-Ambient
R
θJA
62
℃
/W
S
D
G
S
G
DS
TO220
TO263
G
D
S
LM4902
Super Trench Power MOSFET
N-Channel
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LM4902

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4902 TI-LM4902 Datasheet
1Mb / 24P
Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
Shanghai Leiditech Elec...
LM4902GU LEIDITECH-LM4902GU Datasheet
694Kb / 5P
N-ChannelSuper Trench ll Power MOSFET
logo
National Semiconductor ...
LM4902LD NSC-LM4902LD Datasheet
772Kb / 18P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4902MM NSC-LM4902MM Datasheet
772Kb / 18P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4902

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com