Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4906 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4906
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4906 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4906 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4906 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4906 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4906 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4906 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These N-Channel enhancement mode power field
effect transistors are using trench DMOS technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency fast
switching applications.
Features
VDS
40V
ID
(at VGS=10V)
9A
RDS(ON) (at VGS=10V)
7mΩ(Typ)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
TC=25°C
I
D
9
A
TC=100°C
I
D
5.7
A
Maximum Power Dissipation
P
D
1.47
W
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
1.1
℃
/W
Thermal Resistance unction-to-Ambient
R
θJA
62
℃
/W
D D
D D
S G
S S
SOP8
LM4906
Enhancement Mode Power MOSFET
N-Channel
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM4906

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
LM4906 TI2-LM4906 Datasheet
1Mb / 23P
LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
REVISED MAY 2013
logo
National Semiconductor ...
LM4906LD NSC-LM4906LD Datasheet
468Kb / 15P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results

Similar Description - LM4906

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com