Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4822D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4822D
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4822D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4822D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2013.10. 22
2/4
FTK4822D
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =250µA
30
V
Zero gate voltage drain current
IDSS
VDS =24V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage
VGS(th)
VDS =VGS, ID =250µA
1
3
V
VGS =10V, ID =8.5A
16
mΩ
Drain-source on-resistance (note 3)
RDS(on)
VGS =4.5V, ID =6A
26
mΩ
Forward tranconductance (note 3)
g
FS
VDS =5V, ID =8.5A
20
S
Diode forward voltage (note 3)
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC PARAMETERS (note 4)
Input capacitance
Ciss
1250
pF
Output capacitance
Coss
180
pF
Reverse transfer capacitance
Crss
VDS =15V,VGS =0V,f =1MHz
110
pF
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
7.5
ns
Turn-on rise time
tr
6.5
ns
Turn-off delay time
td(off)
25
ns
Turn-off fall time
tf
VGS=10V,VDS=15V,
RL=1.8Ω,RGEN=3Ω
5
ns
Total gate charge (10V)
23
nC
Total gate charge (4.5V)
Qg
11.2
nC
Gate-source charge
Qgs
2.6
nC
Gate-drain charge
Qgd
VDS =15V,VGS =10V,ID =8.5A
4.2
nC
Notes :
1. The value of RθJA is measure with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with
Ta=25
℃. The value in any given application depends on the user’s specific board design. The current rating is based on
the t≤10s thermal resistance rating.
2. Repetitive rating : Pulse width limited by junction temperature.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle≤2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com