Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4828F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4828F
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4828F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4828F Datasheet HTML 1Page - First Silicon Co., Ltd FTK4828F Datasheet HTML 2Page - First Silicon Co., Ltd FTK4828F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014.02. 10
2/3
FTK4828F
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =250µA
60
V
Zero gate voltage drain current
IDSS
VDS =60V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
1
3
V
VGS =10V, ID =4.5A
56
m
Ω
Drain-source on-resistance (note 3)
RDS(on)
VGS =4.5V, ID =3A
77
m
Ω
Forward tranconductance (note 3)
gFS
VDS =5V, ID =4.5A
4
S
Diode forward voltage (note 3)
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC PARAMETERS (note 4)
Input Capacitance
Ciss
540
pF
Output Capacitance
Coss
60
pF
Reverse Transfer Capacitance
Crss
VDS =30V,VGS =0V,f =1MHz
25
pF
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
4.7
ns
t
e
m
i
t
e
s
i
r
n
o
-
n
r
u
T
r
2.3
ns
Turn-off delay time
td(off)
15.7
ns
t
e
m
i
t
ll
a
f
f
f
o
-
n
r
u
T
f
VGS=10V,VDS=30V,
RL=6.7
Ω,RGEN=3Ω
1.9
ns
Total Gate Charge (10V)
10.5
nC
Total Gate Charge (4.5V)
Qg
5.5
nC
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
VDS =30V,VGS =10V,ID =4.5A
2.2
nC
Notes :
1. The value in any given application depends on the user’s specific board design.
2. Repetitive rating : Pulse width limited by junction temperature.
3. Pulse Test : Pulse Width
≤300µs, Duty Cycle≤0.5%.
4. These parameters have no way to verify.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com