Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4903D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4903D
Description  40V P-channel MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4903D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4903D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 4Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2017.5. 10
2/5
FTK4903D
Revision No : 0
Electrical Characteristics (TJ =25℃)
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=
-250uA
-40
---
---
V
IDSS
Drain-Source Leakage Current
VDS=
-40V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=
-32V , VGS=0V , TJ=125℃
---
---
-10
uA
IGSS
Gate-Source Leakage Current
VGS=± 20V , VDS=0V
---
---
±
100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=
-10V , ID=-10A
---
11.5
15
mΩ
VGS=
-4.5V , ID=-8A
---
16
22
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =
-250uA
-1.0
-1.6
-2.5
V
gfs
Forward Transconductance
VDS=
-10V , ID=-10A
---
13
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3, 4
VDS=
-32V , VGS=-4.5V , ID=-10A
---
22.2
40
nC
Qgs
Gate-Source Charge3, 4
---
8.2
16
Qgd
Gate-Drain Charge3, 4
---
8.8
16
Td(on)
Turn-On Delay Time3, 4
VDD=
-20V , VGS=-10V , RG=6Ω
ID=
-1A
---
23
40
ns
Tr
Rise Time3, 4
---
10
20
Td(off)
Turn-Off Delay Time3, 4
---
135
250
Tf
Fall Time3, 4
---
46
90
Ciss
Input Capacitance
VDS=
-25V , VGS=0V , F=1MHz
---
2757
4000
pF
Coss
Output Capacitance
---
240
360
Crss
Reverse Transfer Capacitance
---
137
200
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-45
A
ISM
Pulsed Source Current
---
---
-90
A
VSD
Diode Forward Voltage
VGS=0V , IS=
-1A , TJ=25℃
---
---
-1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=51A.,RG=25Ω, Starting TJ=25℃.
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com