Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4906 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK4906
Description  40V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4906 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK4906 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4906 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4906 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4906 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4906 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
40V N-Channel MOSFETs
SOP8 PACKAGE INFORMATION
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
1.750
1.350
0.069
0.053
A1
0.250
0.100
0.010
0.004
A2
1.500
1.300
0.059
0.051
b
0.490
0.350
0.019
0.014
C
0.260
0.190
0.010
0.007
D
5.100
4.700
0.201
0.185
E
4.100
3.700
0.161
0.146
E1
6.200
5.800
0.244
0.228
C
S
B
5
0
.
0
C
S
B
7
2
.
1
e
L
0.900
0.400
0.035
0.016
θ
8°
0°
8°
0°
FTK4906
2018. 03. 16
5/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com