Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4909 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4909
Description  40V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4909 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4909 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4909 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4909 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4909 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4909 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Sou
rce Voltage
±20
V
ID
Drain Current – Continuous (TC=25
℃)
-6.5
A
Drain Current – Continuous (TC=100
℃)
-4.1
A
IDM
Drain Current – Pulsed1
-26
A
EAS
Single Pulse Avalanche Energy2
31
mJ
IAS
Single Pulse Avalanche Current2
25
A
PD
Power Dissipation (TC=25
℃)
3.3
W
Power Dissipation – Derate above 25
℃
0.03
W/
℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
38
℃/W
BVDSS
RDSON
ID
-40V
45m
Ω
-6.5A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -40V,-6.5A, RDS(ON) =45m
Ω@VGS = -10V
 Improved dv/dt capability
 Fast switching
 Green Device Available
General Description
Features
Applications
 Motor Drive
 Power Tools
 LED Lighting
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
SOP-8 Pin Configuration
D
S
G
D
G
S
S
S
D
D
D
40V P-Channel MOSFETs
2018. 09. 17
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK4909


Similar Part No. - FTK4909

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4909D FS-FTK4909D Datasheet
1Mb / 5P
40V P-Channel MOSFETs
More results

Similar Description - FTK4909

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4701 FS-FTK4701 Datasheet
1Mb / 6P
40V NP Dual Channel MOSFETs
FTK4903 FS-FTK4903 Datasheet
884Kb / 5P
40V P-Channel MOSFETs
FTK4904D FS-FTK4904D Datasheet
957Kb / 5P
40V N-Channel MOSFETs
FTK4909D FS-FTK4909D Datasheet
1Mb / 5P
40V P-Channel MOSFETs
FTK4903P FS-FTK4903P Datasheet
759Kb / 5P
40V P-Channel MOSFETs
FTK4903Z FS-FTK4903Z Datasheet
1Mb / 5P
40V P-Channel MOSFETs
FTK4910 FS-FTK4910 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4959D FS-FTK4959D Datasheet
1,004Kb / 5P
40V P-Channel MOSFETs
FTK4960DFN56 FS-FTK4960DFN56 Datasheet
983Kb / 5P
40V N-Channel MOSFETs
FTK4960P FS-FTK4960P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com