Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK6902P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK6902P
Description  60V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6902P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK6902P Datasheet HTML 1Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 2Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 3Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 4Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
60V N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
60
---
---
V
IDSS
Drain-Source Leakage Current
VDS=60V , VGS=0V , TJ=25
℃
---
---
1
uA
VDS=48V , VGS=0V , TJ=125
℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=
±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=20A
---
3.8
4.5
mΩ
VGS=4.5V , ID=10A
---
4.2
5.5
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1
1.6
2.2
V
gfs
Forward Transconductance
VDS=10V , ID=3A
---
18
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3,4
VDS=30V , VGS=4.5V , ID=10A
---
58.2
116
nC
Qgs
Gate-Source Charge3,4
---
16.2
32
Qgd
Gate-Drain Charge3,4
---
23.4
46
Td(on)
Turn-On Delay Time3,4
VDD=30V , VGS=10V , RG=6Ω
ID=1A
---
19.2
40
ns
Tr
Rise Time3,4
---
56.3
120
Td(off)
Turn-Off Delay Time3,4
---
90.8
200
Tf
Fall Time3,4
---
21.6
40
Ciss
Input Capacitance
VDS=25V , VGS=0V , F=1MHz
---
6805
10000
pF
Coss
Output Capacitance
---
445
680
Crss
Reverse Transfer Capacitance
---
195
280
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
1.3
2.6
Ω
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
114
A
ISM
Pulsed Source Current
---
---
228
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25
℃
---
---
1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=95A., Starting TJ=25
℃
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings
FTK6902P
2018. 11. 19
2/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com