Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2377 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2377
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2377 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2377 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2377 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2377 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC2377
Silicon NPN epitaxial planer type
For high-frequency amplification
s Features
q
Optimum for RF amplification of FM/AM radios.
q
High transition frequency fT.
q
M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–71
3:Emitter
M Type Mold Package
6.9
±0.1
0.55
±0.1
0.45
±0.05
2.5
±0.1
1.0
1.5
1.5 R0.9
R0.9
0.85
2.5
2.5
1
2
3
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
3
15
400
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Base to emitter voltage
Transition frequency
Noise figure
Power gain
Common emitter reverse transfer capacitance
Symbol
ICBO
ICEO
IEBO
hFE
*
VBE
fT
NF
PG
Cre
Conditions
VCB = 10V, IE = 0
VCE = 20V, IB = 0
VEB = 3V, IC = 0
VCB = 6V, IE = –1mA
VCB = 6V, IE = –1mA
VCB = 6V, IE = –1mA, f = 100MHz
VCB = 6V, IE = –1mA
VCB = 6V, IE = –1mA
VCE = 6V, IC = 1mA
min
65
450
20
typ
720
650
3.3
24
0.8
max
100
10
1
260
5
1
*h
FE Rank classification
Rank
C
D
hFE
65 ~ 160
100 ~ 260
Unit
nA
µA
µA
mV
MHz
dB
dB
pF


Similar Part No. - 2SC2377

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC2371 MCC-2SC2371 Datasheet
69Kb / 1P
NPN Silicon Power Transistors
logo
Savantic, Inc.
2SC2371 SAVANTIC-2SC2371 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2371 JMNIC-2SC2371 Datasheet
150Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2371 ISC-2SC2371 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2371 SAVANTIC-2SC2371 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2377

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com