Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0150180098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0150180098
Description  0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 10 Circuits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0150180098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0150180098 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/27/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0150180098
Status:
Active
Overview:
FFC Cable Jumpers, Premo-Flex Flat-Flexible Cable Jumpers
Description:
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D),
51.00mm Cable Length, Gold (Au) Plating, 10 Circuits
Documents:
Drawing (PDF)
Datasheet (PDF)
Product Specification 150180001-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15018
Comments
Opposite Side Contacts, Type D
Crimp Quality Equipment
Yes
Overview
FFC Cable Jumpers, Premo-Flex Flat-Flexible Cable
Jumpers
Product Name
Premo-Flex FFC Jumper
UPC
193264329441
Physical
Cable Length
51.00mm
Circuits (Loaded)
10
Contact Layout Type
D (opposite side)
Material - Plating Mating
Gold
Packaging Type
Bag
Pitch - Mating Interface
0.50mm
Temperature Range - Operating
-40° to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Product Specification
150180001-000
Sales Drawing
SD-15018-001-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)9139-DC (19
Jan 2021)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
15018 Series
Mates With
Easy-On FFC/FPC Connector 5051101092
This document was generated on 02/27/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0150180098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150180090 MOLEX-0150180090 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 229.00mm Cable Length, Gold (Au) Plating, 8 Circuits
0150180091 MOLEX-0150180091 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Same Side Contacts (Type A), 254.00mm Cable Length, Gold (Au) Plating, 8 Circuits
0150180092 MOLEX-0150180092 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 254.00mm Cable Length, Gold (Au) Plating, 8 Circuits
0150180093 MOLEX-0150180093 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Same Side Contacts (Type A), 305.00mm Cable Length, Gold (Au) Plating, 8 Circuits
0150180094 MOLEX-0150180094 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 305.00mm Cable Length, Gold (Au) Plating, 8 Circuits
More results

Similar Description - 0150180098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150180142 MOLEX-0150180142 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 14 Circuits
0150180318 MOLEX-0150180318 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 30 Circuits
0150180362 MOLEX-0150180362 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 34 Circuits
0150180856 MOLEX-0150180856 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 17 Circuits
0150180944 MOLEX-0150180944 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 25 Circuits
0150181010 MOLEX-0150181010 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 31 Circuits
0150181098 MOLEX-0150181098 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 39 Circuits
0150181120 MOLEX-0150181120 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 41 Circuits
0150181142 MOLEX-0150181142 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 43 Circuits
0150181186 MOLEX-0150181186 Datasheet
39Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 47 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com