Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMD10PC1-DC3 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMD10PC1-DC3
Description  Surge Protective Devices (SPD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMD10PC1-DC3 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMD10PC1-DC3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMD10PC1-DC3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMD10PC1-DC3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LMD10PC1-DC3
的重复浪涌能力测试
特性
标称放电电流:
5kA, 8/20μs;
执行标准:
UL14494th;
并联
SPD设备;
板载部件,直接焊接在
PCB上;
紧凑外形:
24×12×25,便于安置;
满足
385VDC电压以下;
经过
TTF严酷测试,性能优越。
测试
浪涌量级
承受次数
浪涌冲击测试数据1
(8/20μs)
5kA
20
10kA
2
极限测试(
TTF2)数据
5kA
50
1. 浪涌冲击测试数据
:是指依照所执行标准进行的浪涌量级分级测试时,产品必须达到的耐受次数。
2.
TTF ( Testtofail ) :是指产品在设定的浪涌量级下可以耐受的冲击次数的故障临界值。TTF 测试是实验室自行设定的
测试项
,用来了解浪涌防护产品的性能极限。
典型封装信息 (单位:mm)
mm)
Time(μs)
1000
100
10
1
10
100
106
105
104
1000
103
102
10
1 2
10000
LMD10PC1-DC3
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com