Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS998/AB8NT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS998/AB8NT
Description  IC intended for use as a PWM controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS998/AB8NT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AS998/AB8NT Datasheet HTML 1Page - List of Unclassifed Manufacturers AS998/AB8NT Datasheet HTML 2Page - List of Unclassifed Manufacturers AS998/AB8NT Datasheet HTML 3Page - List of Unclassifed Manufacturers AS998/AB8NT Datasheet HTML 4Page - List of Unclassifed Manufacturers AS998/AB8NT Datasheet HTML 5Page - List of Unclassifed Manufacturers AS998/AB8NT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
238
www.ptcc.com.tw
AS998/AS998A
PWM Controller
Over Current Comparator
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Comparator Threshold
VCSTH
COMP = 1V, FB = 3V
1.25
V
Propagation Delay to Output
tpd2
FB = 2, Vcs step to 1.65V, from 50%
100
150
ns
point on CSNS input to 90% point on
output H to L transistion
Over Voltage Input
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
OV VDD Threshold
VDDOV
Forcing VDD pin
13
14
14.7
V
OV Threshold
VOV
Forcing OV pin
3.5
V
OV Latch State Low
OVRN
OV = Reg - 1V, Equiv. R to Reg
4
8
16
k
Ω
OV Latch State High
OVRP
OV = 1V, Equiv. R to Gnd
4
8
16
k
Ω
OV Hi Impedance Pull-up
OVHI
OV = 1V, IDD = 10mA
0.3
1
µA
OV Unlatch Threshold
VDDUL
VDD dropped until latch fails
4.75
5
5.25
V
Output
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Max. “Off State” Voltage
VOFF
IOUT = 100µA
1.7
V
Output Rise Time
tr
T = 25°C, 10% - 90%
170
250
290
ns
Output Fall Time
tf
T = 25°C, 10% - 90%
140
210
240
ns
Electrical Characteristics (cont.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com