Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-R100-FG0XX Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # HLMP-R100-FG0XX
Description  2.5 mm x 7.6 mm Rectangular LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-R100-FG0XX Datasheet(HTML) 3 Page - Broadcom Corporation.

  HLMP-R100-FG0XX Datasheet HTML 1Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 2Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 3Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 4Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 5Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 6Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 7Page - Broadcom Corporation. HLMP-R100-FG0XX Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMP-R100
HLMP-0301
HLMP-0401
HLMP-0504
Units
Peak Forward Current
300
90
60
90
mA
Average Forward Current[1]
20
25
20
25
mA
DC Current[2]
30
30
20
30
mA
Power Dissipation
87
135
85
135
mW
Reverse Voltage (IR = 100 μA)
5
5
5
5
V
Transient Forward Current[3] (10
μs Pulse)
500
500
500
500
mA
Operating Temperature Range
-20 to +100
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
-40 to +100
Notes:
1. See Figure 5 to establish pulsed operating conditions.
2. For AlGaAs Red, Red, and Green Series derate linearly from 50°C at 0.5 mA/°C. For Yellow Series derate linearly from 50°C at 0.2 mA/°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the Absolute Maximum
Ratings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com