Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # BC856
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

BC856 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  BC856 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. BC856 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. BC856 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. BC856 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. BC856 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Item
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
Emitter cut-off Current
IEBO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
V
V
V
nA
nA
DC Current Gain
hFE
VCE(set)
VBE(set)
V
V
IC=-10mA,IB=0
-65
---
IC=-10μA,IE=0
-30
---
IE=10μA,IC=0
-6.0
---
VCB=-70V,IE=0
---
-100
VEB=-5V,Ic=0
---
-100
-100
220
IC=-2mA,
475
IC=-100mA,IB=-5mA
IC=-
100mA,IB=-5mA
---
-0.5
---
-1.1
BC856
BC858
BC857
-30
-45
-80
-50
---
Collector cut-off Current
ICEO
nA
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
BC856/BC857/BC858
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
Output Capacitance
Cob
fT
pF
MHZ
IC=-10mA,VCE=-5V
VCB=-10V,f=1.0MHZ,IE=0
100
f=100MHZ
---
---
4.5
Transition frequency
---
---
---
---
VCB=-45V,IE=0
VCB=-25V,IE=0
VCE=-60V,IB=0
VCE=-40V,IB=0
VCE=-25V,IB=0
VCE=-5V
BC856A,BC857A,BC858A
BC856B,BC857B,BC858B
BC857C,BC858C
420
800
125
250
BC856,BC857,BC858
BC856
BC858
BC857
BC856
BC858
BC857
BC856
BC858
BC857



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com