Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMI Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMI
Description  Moiding power lnducto rs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMI Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMI Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMI Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMI Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMI Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMI Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMI Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMI Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Packaging Specifications
Tape Dimensions
Tape Material
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
TYPE
A
B
T
W
P
F
K
A
B
C
D
PCS / REEL
160808A
1.20
1.88
0.95
8
4
3.5
-
178
60
12
1.5
4000
201208A
1.45
2.25
0.22
8
4
3.5
1.04
178
60
12
1.5
3000
201210A
1.50
2.25
0.22
8
4
3.5
1.15
178
60
12
1.5
3000
201608A
1.80
2.35
0.23
8
4
3.5
0.85
178
60
12
1.5
3000
201610A
1.80
2.20
0.22
8
4
3.5
1.15
178
60
12
1.5
3000
252010A
2.25
2.80
0.22
8
4
3.5
1.15
178
60
12
1.5
3000
252012A
2.25
2.80
0.22
8
4
3.5
1.35
178
60
12
1.5
3000
322510A
2.80
3.55
0.23
8
4
3.5
1.20
178
60
12
1.5
3000
322512A
2.80
3.50
0.23
8
4
3.5
1.34
178
60
12
1.5
3000
322525A
2.90
3.50
0.23
8
4
3.5
2.90
178
60
12
1.5
1500
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
7/7
LMI Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com