Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP3045GU Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMP3045GU
Description  N-Channel Super Ternch Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMP3045GU Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMP3045GU Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMP3045GU Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMP3045GU Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMP3045GU Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMP3045GU Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
The LMP3045GU uses
Super Trench
technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.
General Features
●
VDS =30V,ID =45A
RDS(ON)=5.8mΩ (typical) @ VGS=10V
RDS(ON)=8.0mΩ (typical) @ VGS=4.5V
●
Excellent gate charge x RDS(on) product(FOM)
●
Very low on-resistance RDS(on)
●
150 °C operating temperature
●
Pb-free lead plating
●
100% UIS tested
Application
●
DC/DC Converter
●
Ideal for high-frequency switching and synchronous
rectification
Schematic Diagram
Top View
Bottom View
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
45
A
Drain Current-Continuous(TC=100 )
℃
ID (100℃)
31.8
A
Pulsed Drain Current
IDM
125
A
Maximum Power Dissipation
PD
28
W
Derating factor
0.22
W/℃
Single pulse avalanche energy
(Note 5)
EAS
150
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
D
D
D
D
D
D
D
D
S
S
S
G
G
S
S
S
Super Ternch Power MOSFET
N-Channel
LMP3045GU
LMP3045GU
DFN5X6-8L
-
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LMP3045GU

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMP3065BQU LEIDITECH-LMP3065BQU Datasheet
808Kb / 5P
LM N-Channel Super Trench Power MOSFET
LMP3065QU LEIDITECH-LMP3065QU Datasheet
683Kb / 5P
LM N-Channel Super Trench Power MOSFET
More results

Similar Description - LMP3045GU

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE6602B ACE-ACE6602B Datasheet
874Kb / 6P
N-Channel Super Trench Power MOSFET
VER 1.1
logo
Rectron Semiconductor
RM4N700LD RECTRON-RM4N700LD Datasheet
500Kb / 8P
N-Channel Super Junction Power MOSFET
RM110N85T2 RECTRON-RM110N85T2 Datasheet
279Kb / 7P
N-Channel Super Trench Power MOSFET
RM135N100HD RECTRON-RM135N100HD Datasheet
198Kb / 7P
N-Channel Super Trench Power MOSFET
RM150N40DF RECTRON-RM150N40DF Datasheet
240Kb / 6P
N-Channel Super Trench Power MOSFET
logo
HUAYI MICROELECTRONICS ...
HY70R751P HUAYI-HY70R751P Datasheet
1Mb / 12P
N-Channel Super Junction Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS7N65I HMSEMI-HMS7N65I Datasheet
490Kb / 7P
N-Channel Super Junction Power MOSFET ?
HMS5N90I HMSEMI-HMS5N90I Datasheet
975Kb / 8P
N-Channel Super Junction Power MOSFET ?
logo
Shanghai Leiditech Elec...
LM5D18N20 LEIDITECH-LM5D18N20 Datasheet
1Mb / 6P
N-Channel Super Ternch Power MOSFET
LM5D45N03 LEIDITECH-LM5D45N03 Datasheet
799Kb / 5P
N-Channel Super Ternch Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com