Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

252012A Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 252012A
Description  Moiding power lnducto rs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

252012A Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  252012A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 252012A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 252012A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 252012A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 252012A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 252012A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 252012A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC(mΩ)
Max(Typ.)
Isat(A)
Max(Typ.)
Irms(A)
Max(Typ.)
Note: When ordering, please specify tolerance code. Tolerance: M=±20%
Operating temperature range-40℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Absolute maximum voltage 25VDC
 Measure Equipment:
L:Agilent E4991/HP4286A+16197A
(or equivalent), 2MHz 0.2V
RDC:CHEN HWA502BC/HP4338B
(or equivalent)
Isat:Agilent E4980A+HP42841A
(or equivalent)
Irms:Agilent 6641 SYSTEM DC POWER SUPPLY
(or equivalent)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance vs. DC Current
0.0
0.4
0.8
1.2
1.6
2.0
2.4
01
23
456
7
8
DC Current(A)
2R2
1R0
R47
R24
1R5
R68
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
DC Current(A)
2R2
1R0
R24
R47
1R5
R68
Rev :
www.leiditech.com
01.06.2018
4/7
LMI Series
LMI201610A-R24M
0.24
20
2
27(21)
5.6(7.0)
3.9(4.8)
LMI201610A-R47M
0.47
20
2
42(33)
3.9(4.8)
3.5(4.2)
LMI201610A-R68M
0.68
20
2
56(43)
3.2(4.0)
2.7(3.4)
LMI201610A-1R0M
1.0
20
2
65(53)
2.9(3.6)
2.5(3.1)
LMI201610A-1R5M
1.5
20
2
85(75)
2.5(2.8)
2.3(2.7)
LMI201610A-2R2M
2.2
20
2
135(112)
2.4(2.7)
1.8(2.2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com