Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF201B12-R47T-N Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMF201B12-R47T-N
Description  Sealed Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMF201B12-R47T-N Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMF201B12-R47T-N Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF201B12-R47T-N Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LMF252A12-R50□-N
0.50
20, 30
1
0.028
3.50(3.15)
3.00(2.70)
B
LMF252A12-1R0□-N
1.0
20, 30
1
0.050
2.50(2.25)
2.40(2.16)
C
LMF252A12-1R2□-N
1.2
20, 30
1
0.053
2.10(1.89)
2.35(2.11)
D
LMF252A12-1R5□-N
1.5
20, 30
1
0.068
1.95(1.75)
2.30(2.07)
E
LMF252A12-2R2□-N
2.2
20, 30
1
0.080
1.80(1.62)
1.80(1.62)
F
LMF252A12-3R3□-N
3.3
20, 30
1
0.130
1.45(1.30)
1.50(1.35)
G
LMF252A12-4R7□-N
4.7
20, 30
1
0.190
1.10(0.99)
1.10(0.99)
H
LMF252A12-5R6□-N
5.6
20, 30
1
0.210
1.05(0.94)
1.00(0.90)
I
LMF252A12-6R8□-N
6.8
20, 30
1
0.300
0.95(0.85)
0.80(0.72)
J
LMF252A12-100□-N
10
20, 30
1
0.385
0.88(0.79)
0.70(0.63)
K
LMF252A12-150□-N
15
20, 30
1
0.570
0.68(0.61)
0.62(0.55)
L
LMF252A12-220□-N
22
20, 30
1
0.810
0.55(0.49)
0.53(0.47)
M
Note: When ordering, please specify tolerance code. Tolerance: M=±20% , T =±30%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:Agilent HP4287A+Agilent HP16197A, 1MHz 200mV
RDC:DIGITAL MILLINHM METER CHROMA 16502, or equivalent
Isat & Irms:Agilent HP4284A
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
00.5
11.5
22.5
33.5
4
DC Current(A)
100
220
6R8
4R7
2R2
150
R50
3R3
5R6
1R5
1R0
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
3.5
4
DC Current(A)
150
220
4R7
100
3R3
1R0
6R8
2R2
R50
1R5
5R6
LMF Series
Rev :
www.leiditech.com
01.06.2018
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com