Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF252A12-R50M-N Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMF252A12-R50M-N
Description  Sealed Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMF252A12-R50M-N Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMF252A12-R50M-N Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LMF252A12-R50M-N Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LMF201B12-R47□-N
0.47
20, 30
1
0.051
2.70(2.43)
2.30(2.07)
A
LMF201B12-R68□-N
0.68
20, 30
1
0.074
2.20(1.98)
2.00(1.80)
L
LMF201B12-1R5□-N
1.5
20, 30
1
0.130
1.60(1.44)
1.45(1.30)
D
LMF201B12-6R8□-N
6.8
20, 30
1
0.465
0.82(0.73)
0.78(0.70)
H
Note: When ordering, please specify tolerance code. Tolerance: M=±20% , T =±30%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ temperature rise from 25℃ ambient with current
 Measure Equipment:
L:Agilent HP4287A+Agilent HP16197A, 1MHz 200mV
RDC:DIGITAL MILLINHM METER CHROMA 16502, or equivalent
Isat & Irms:Agilent HP4284A
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
4
DC Current(A)
6R8
1R5
R47
R68
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
DC Current(A)
1R5
R47
6R8
R68
LMF Series
Rev :
www.leiditech.com
01.06.2018
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com