Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL072 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL072
Description  Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL072 Datasheet(HTML) 2 Page - Integral Corp.

  IL072 Datasheet HTML 1Page - Integral Corp. IL072 Datasheet HTML 2Page - Integral Corp. IL072 Datasheet HTML 3Page - Integral Corp. IL072 Datasheet HTML 4Page - Integral Corp. IL072 Datasheet HTML 5Page - Integral Corp. IL072 Datasheet HTML 6Page - Integral Corp. IL072 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL072
SCHEMATIC DIAGRAM
V
C
+
Non-inverting
inpu
Inverting
inpu
V
C
_
100Ω
100Ω
Output
1/4 IL072
200Ω
MAXIMUM RATING
Symbol
Parameter
IL072
Unit
VCC
Supply Voltage – (note 1)
±18
V
Vi
Input Voltage – (note 3)
±15
V
Vid
Differential Input Voltage – (note 2)
±30
V
Ptot
Power Dissipation
680
mW
Output Short-Circuit Duration (Note 4)
Infinite
Toper
Operating Free-Air Temperature Range
-40 to 85
0C
Tstg
Storage Temperature Range
-65 to +150
0C
Notes
.
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply
voltages where the zero reference level is the midpoint between VCC
+ and V
CC
-.
2.
Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
3.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is
less.
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to
ensure that the dissipation rating is not exceeded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com