Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL082 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL082
Description  Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL082 Datasheet(HTML) 1 Page - Integral Corp.

  IL082 Datasheet HTML 1Page - Integral Corp. IL082 Datasheet HTML 2Page - Integral Corp. IL082 Datasheet HTML 3Page - Integral Corp. IL082 Datasheet HTML 4Page - Integral Corp. IL082 Datasheet HTML 5Page - Integral Corp. IL082 Datasheet HTML 6Page - Integral Corp. IL082 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
IL082
Low Power J-FET DUAL
OPERATIONAL AMPLIFIERS
ORDERING INFORMATION
IL082N Plastic
IL082D SOIC
TA = -40° to 85° C for package
The IL082 are high speed J–FET input dual operational amplifiers
incorporating well matched, high voltage J–FET and bipolar transistors
in a monolithic integrated circuit.
The devices feature high slew rates, low input bias and offset current,
and low offset voltage temperature coefficient.
•
Low power consumption
•
Wide common-mode and differential voltage range
•
Low input bias and offset currents
•
Low noise en=18 nV/√Hz (typ)
•
Output short-circuit protection
•
High input impedance J-FET input stage
•
Low harmonic distortion: 0.01% (typ)
•
Internal frequency compensation
•
Latch up free operation
•
High slew rate: 13 V/
μs (typ)
Pin Connections (top view)
1
-
Output 1
2
-
Inverting input 1
3
-
Non-inverting input 1
4
-
VCC -
5
-
Non-inverting input 2
6
-
Inverting input 2
7
-
Output 2
8
-
VCC +


Similar Part No. - IL082

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
IL080 ENSIGN-IL080 Datasheet
614Kb / 3P
Admiral Class - Lead Wires
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
614Kb / 3P
Admiral Class - Lead Wires
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
IL080-1-012X ENSIGN-IL080-1-012X Datasheet
614Kb / 3P
Admiral Class - Lead Wires
IL080-1-012X ENSIGN-IL080-1-012X Datasheet
691Kb / 1P
POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - IL082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062 Datasheet
111Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
Oct-1997
logo
Integral Corp.
IL062 INTEGRAL-IL062 Datasheet
494Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072 STMICROELECTRONICS-TL072 Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
27-Jul-2007
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
TL062 ARTSCHIP-TL062 Datasheet
337Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com