Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2480 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC2480
Description  Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2480 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC2480 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2480 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2480 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2480
Transistors
2
PC  Ta
IC  VCE
IC  IB
IB  VBE
IC  VBE
hFE  IC
VCE(sat)  IC
0
160
40
120
80
0
240
200
160
120
80
40
Ambient temperature T
a (°C)
0
24
20
16
12
8
4
0
4
8
12
16
2
6
10
14
18
IB
= 300 µA
50
µA
100
µA
150
µA
200
µA
250
µA
Collector to emitter voltage V
CE (V)
Ta
= 25°C
0
0
500
400
300
200
100
24
20
16
12
8
4
Base current I
B (µA)
VCE
= 10 V
Ta
= 25°C
0
400
350
300
250
200
150
100
50
0
2.0
1.6
1.2
0.8
0.4
VCE
= 10 V
Ta
= 25°C
Base to emitter voltage V
BE (V)
0
0
2.0
1.6
1.2
0.8
0.4
60
50
40
30
20
10
VCE
= 10 V
Ta
= 75°C
−25°C
25
°C
Base to emitter voltage V
BE (V)
0
0.1
0.3
240
200
160
120
80
40
1
3
10
30
100
Ta
= 75°C
25
°C
−25°C
VCE
= 10 V
Collector current I
C (mA)
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current I
C (mA)
IC
/ I
B
= 10
Ta
= 75°C
25
°C
–25
°C
− 0.1 − 0.3
−1
−3
−10 −30 −100
0
1 600
1 400
1 200
1 000
800
600
400
200
Emitter current I
E (mA)
VCB
= 10 V
Ta
= 25°C
0
2.4
2.0
1.6
1.2
0.8
0.4
0.1
0.3
1
3
10
30
100
Collector to emitter voltage V
CE (V)
IC
= 1 mA
f
= 10.7 MHz
Ta
= 25°C
fT  IE
Cre  VCE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com