Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4560 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL4560
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL4560 Datasheet(HTML) 2 Page - Integral Corp.

  IL4560 Datasheet HTML 1Page - Integral Corp. IL4560 Datasheet HTML 2Page - Integral Corp. IL4560 Datasheet HTML 3Page - Integral Corp. IL4560 Datasheet HTML 4Page - Integral Corp. IL4560 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL4560
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Symbol
Parameter
Ratings
Unit
V+/V-
Supply Voltage
±18
V
VID
Differential Input Voltage
30
V
VIC
Input Voltage
±15*
V
Topr
Operation Temperature Range
-40
∼ +85
°C
Tstg
Storage Temperature Range
-60
∼ +125
°C
* For supply voltage less then ±15 V, the absolute maximum input voltage is equal to the supply voltage.
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
+/V- = ±15)
Symbol
Parameter
Test Condition
Min
Max
Unit
VIO
Input Offset Voltage
RS ≤ 10 kΩ
-
6
mV
IIO
Input Offset Current
-
200
nA
IB
Input Bias Current
-
500
nA
RIN
Input Resistance
0.3
-
M
Ω
AV
Large Signal Voltage Gain
RL ≥ 2 kΩ, VO = ±10 V
86
-
dB
VOM1
Maximum Output Voltage Swing 1
RL ≥ 2 kΩ
±12
-
V
VOM2
Maximum Output Voltage Swing 2
IO = 25 mA
±10
-
V
VICM
Input Common Mode Voltage Range
±12
-
V
CMR
Common Mode Rejection Ratio
RS ≤ 10 kΩ
70
-
dB
SVR
Supply Voltage Rejection Ratio
RS ≤ 10 kΩ
76.5
-
dB
ICC
Operating Current
-
5.7
mA
SR
Slew Rate
RL ≥ 2 kΩ
3
5
V/
µs
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com