Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL4580N Datasheet(PDF) 1 Page - Integral Corp.

Part # IL4580N
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL4580N Datasheet(HTML) 1 Page - Integral Corp.

  IL4580N Datasheet HTML 1Page - Integral Corp. IL4580N Datasheet HTML 2Page - Integral Corp. IL4580N Datasheet HTML 3Page - Integral Corp. IL4580N Datasheet HTML 4Page - Integral Corp. IL4580N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
DUAL OPERATIONAL AMPLIFIER
IL4580
GENERAL DESCRIPTION
The IL4580 is the dual operational amplifier, specially designer for
improving the tone control, which is most suitable for the audio application.
ORDERING INFORMATION
IL4580N Plastic
IL4580D SOIC
TA = -40° to 85° C
for all packages.
Featuring noiseless, higher gain bandwidth, high output current and low
distortion ratio, and it is most suitable not only for acoustic electronic parts of
audio pre-amp and active filter, but also for the industrial measurement tools.
It is also suitable for the head phone amp at higher output current, and further
more, it can be applied for the handy type set operational amplifier of general
purpose in application of low voltage single supply type which is properly
biased of the input low voltage source.
FEATURES
• Operating Voltage
(±2 V
∼ ±18 V)
• Wide Gain Bandwidth Product (15 MHz typ.)
• Slew Rate
(5 V/
µs typ.)
• Bipolar Technology
BLOCK DIAGRAM
A -INPUT
+
+
-
-
A +INPUT
B -INPUT
B +INPUT
1
2
3
6
5
7
A OUTPUT
B OUTPUT
PIN ASSIGNMENT
EQUIVALENT CIRCUIT (1/2 Show)
Output
V
V
-INPUT
+INPUT
+
-
1


Similar Part No. - IL4580N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL4580N IKSEMICON-IL4580N Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
IL4580N IKSEMICON-IL4580N Datasheet
471Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - IL4580N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
Unisonic Technologies
MC4556 UTC-MC4556_07 Datasheet
182Kb / 7P
DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com