Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS02321 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LS02321
Description  DFN0603 Plastic Package Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LS02321 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LS02321 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LS02321 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
150
mW
TSTG
Storage Temperature Range
-55 to +125
°C
TJ
Operating Junction Temperature
+125
°C
VR
DC Reverse Voltage
30
V
IF(AV)
Average Forward Current
200
mA
IFSM
Peak Forward Surge Current
(At 8.3ms single half sine-wave)
0.5
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Low Forward Voltage Drop
Small Surface Mounting Type
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Weight: approx. 0.001g
DEVICE MARKING CODES:
Device Type
Marking
Shipping
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Condition
Limits
Unit
Min
Max
IR
Reverse Leakage Current
VR=10V
30
µA
VF
Forward Voltage
IF=10mA
0.35
Volts
IF=200mA
0.50
Volts
+
-
-
+
-
+
F
10K/REEL
PL621ZS
DFN0603 Package
DFN0603 Plastic Package
LS02321
Rev :
www.leiditech.com
01.06.2017
1/2


Similar Part No. - LS02321

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
LS02-1A66-PA-1000W MEDER-LS02-1A66-PA-1000W Datasheet
79Kb / 1P
LS Level Sensor
logo
Standex Electronics, In...
LS02-1A66-PA-1000W STANDEX-LS02-1A66-PA-1000W Datasheet
125Kb / 1P
LS02 Series Liquid Level Sensor
Rev.05
logo
Meder Electronic
LS02-1A66-PA-1000W_DE MEDER-LS02-1A66-PA-1000W_DE Datasheet
81Kb / 1P
(deutsch) LS Level Sensor
LS02-1A66-PA-1500W MEDER-LS02-1A66-PA-1500W Datasheet
73Kb / 1P
LS Level Sensor
LS02-1A66-PA-1500W_DE MEDER-LS02-1A66-PA-1500W_DE Datasheet
75Kb / 1P
(deutsch) LS Level Sensor
More results

Similar Description - LS02321

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV30Q100FCT FOSHAN-LV30Q100FCT Datasheet
881Kb / 6P
Schottky Barrier Diode in a TO-220F Plastic Package
LV5100E FOSHAN-LV5100E Datasheet
730Kb / 6P
Schottky Barrier Diode in a TO-277 Plastic Package
LV10150CT FOSHAN-LV10150CT Datasheet
1Mb / 6P
Schottky Barrier Diode in a TO-220 Plastic Package
LV30100PT FOSHAN-LV30100PT Datasheet
829Kb / 6P
Schottky Barrier Diode in a TO-3P Plastic Package
LV30200CT FOSHAN-LV30200CT Datasheet
845Kb / 6P
Schottky Barrier Diode in a TO-220 Plastic Package
LV30200PT FOSHAN-LV30200PT Datasheet
818Kb / 6P
Schottky Barrier Diode in a TO-3P Plastic Package
LV40100BCT FOSHAN-LV40100BCT Datasheet
797Kb / 6P
Schottky Barrier Diode in a TO-263 Plastic Package
LV40100PT FOSHAN-LV40100PT Datasheet
840Kb / 6P
Schottky Barrier Diode in a TO-3P Plastic Package
logo
Shanghai Leiditech Elec...
LM631BS-40 LEIDITECH-LM631BS-40 Datasheet
633Kb / 3P
SOD-882 Plastic Package Schottky Barrier Diode
RB520S8-30 LEIDITECH-RB520S8-30 Datasheet
269Kb / 2P
Plastic Package Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com